Part Number Hot Search : 
SNISDXXX 2300S P6KE27CA BH19NFPZ HT1621 00209 ENC751D PVN012
Product Description
Full Text Search
 

To Download LV5693P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage conditi on (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. o2611 sy 20111018-s00002/d2210 sy 20101216-s00004 no.a1914-1/15 LV5693P overview LV5693P is a multiple voltage regulator for car audio system, which allows reduction of quiescent current. this ic has 5 systems of voltage regulator pre-driver for p-fet which generates usb power and a high side switch for external devices. the following protection circuits are integrated: over current protector, overvoltage protector and thermal shut down. this ic is suitable for use in car audio with usb port. features ? five channel regulator and one channe l p-fet pre-driver (for usb-power) for v dd : v out is 5.7v, i o max is 300ma for dsp: v out is 3.3v, i o max is 300ma for cd: v out is 8.0v, i o max is 1300ma for illumination: v out is 8.4v, i o max is 500ma for audio systems: v out is 8.4v, i o max is 500ma for usb (controller), v out is flexible (configurable with external resistor), i o max is 1000ma ? high side switch: voltage difference between input and output is 0.5v, i o max is 500ma ? over current protector ? overvoltage protector (without v dd -out) clamp voltage is 21v (typical) ? thermal shut down 175oc (typical) ? quiescent current 50 a (typ. when only vdd is in operation) (warning) the protector functions only improve the ic?s tole rance and they do not guarantee the safety of the ic if used under the conditions out of safety range or ratings. use of the ic such as use under over current protection range or thermal shutdown st ate may degrade the ic?s reliability and eventually damage the ic. monolithic linear ic for car audio systems multi-power supply system ic orderin g numbe r : ena1914a
LV5693P no.a1914-2/15 specifications absolute maximum ratings at ta = 25 c parameter conditions conditions ratings unit power supply voltage v cc max 36 v power dissipation pd max ic unit ta 25 c 1.5 w at using al heat sink 5.6 w at infinity heat sink 32.5 w peak voltage v cc peak regarding bias wave, refer to below the pulse. 50 v junction temperature tj max 150 c operating temperature topr -40 to +85 c storage temperature tstg -55 to +150 c recommended operating range at ta = 25 c parameter conditions ratings unit power supply voltage rating 1 v dd output on, dsp output on 7.7 to 16 v power supply voltage rating 2 ilm output on 10.8 to 16 v power supply voltage rating 3 audio output on, cd output on 10 to 16 v * v cc 1 should be as follows: v cc 1>v cc -0.7v electrical characteristics at ta = 25c, v cc = v cc 1=14.4v (*2) parameter symbol conditions ratings unit min typ max current drain i cc v dd no load, ctrl1/2/3 = ? l/l/l ? 50 100 a ctrl1 input low input voltage v il 1 0 0.3 v middle input voltage v im 1 1.1 1.65 2.1 v high input voltage v ih 1 2.5 5.5 v input impedance r ih 1 280 400 520 k ctrl2 input low input voltage v il 2 0 0.3 v middle1 input voltage v im1 2 0.8 1.06 1.4 v middle2 input voltage v im2 2 1.9 2.13 2.4 v high input voltage v ih 2 2.9 3.2 5.5 v input impedance r ih 2 280 400 520 k ctrl3 input. low input voltage v il 3 0 0.3 v high input voltage v ih 3 2.5 5.5 v input impedance r ih 3 280 400 520 k v dd 5.7v output output voltage v o 1 i o 1 = 200ma 5.415 5.7 5.985 v output current i o 1 v o 1 5.35v 300 ma line regulation v oln 1 8.2v < v cc 1 < 16v, i o 1 = 200ma 30 100 mv load regulation v old 1 1ma < i o 1 < 200ma 70 150 mv dropout voltage 1 v drop 1 i o 1 = 400ma 0.5 1.2 v dropout voltage 2 v drop 1 ? i o 1 = 200ma 0.25 0.6 v ripple rejection r rej 1 f = 120hz, i o 1 = 200ma 30 40 db usb output: ctrl3 = ? h ? (when external power fet sanyo 2sj650, it external resists 27k ? , and 9.1k ? is set) usb output voltage v o 2 i o 2 = 1000ma 4.75 5 5.25 v usb output current i o 2 v o 2 4.75v 1000 ma line regulation v oln 2 10v < v cc < 16v, i o 2 = 1000ma 50 90 mv load regulation v old 2 10ma < i o 2 < 1000ma 100 150 mv dropout voltage v drop 2 i o 2 = 1000ma 1.0 1.5 v ripple rejection r rej 1 f = 120hz, i o 2 = 1000ma 40 50 db continued on next page.
LV5693P no.a1914-3/15 continued from preceding page. parameter symbol conditions ratings unit min typ max audio (8.4v) output ; ctrl1 = ? m or h ? audio output voltage 1 v o 3 i o 3 = 400ma 8.0 8.4 8.8 v audio output current i o 3 v o 3 8.0v 500 ma line regulation v oln 3 10v < v cc < 16v, i o 3 = 400ma 30 90 mv load regulation v old 3 1ma < i o 3 < 400ma 70 150 mv dropout voltage 1 v drop 3 i o 3 = 400ma 0.4 0.8 v dropout voltage 2 v drop 3 ? i o 3 = 200ma 0.2 0.4 v ripple rejection r rej 3 f = 120hz, i o 3 = 400ma 40 50 db ilm (8.4v) output ; ctrl2 = ? m1 or h ? ilm output voltage v o 4 i o 4 = 400ma 8.0 8.4 8.8 v ilm output current i o 4 500 ma line regulation v oln 4 10.8v < v cc < 16v, i o 4 = 400ma 30 90 mv load regulation v old 4 1ma < i o 4 < 400ma 70 150 mv dropout voltage 1 v drop 4 i o 4 = 400ma 1.0 1.5 v dropout voltage 2 v drop 4 ? i o 4 = 200ma 0.7 1.05 v ripple rejection r rej 4 f = 120hz, i o 4 = 400ma 40 50 db amp_hs-sw; ctrl2 = ? m2 or h ? output voltage v o 5 i o 5 = 500ma v cc -1.0 v cc -0.5 v output current i o 5 v o 5 v cc -1.0 350 ma dsp(3.3v output); ctrl1 = ? m or h ? dsp output voltage v o 7 i o 7 = 200ma 3.1 3.3 3.5 v dsp output current i o 7 300 ma line regulation v oln 7 10v < v cc < 16v, i o 7 = 200ma 30 90 mv load regulation v old 7 1ma < i o 7 < 200ma 70 150 mv ripple rejection r rej 7 f = 120hz, i o 7 = 200ma 40 50 db cd(8.0v output); ctrl1 = ? h ? cd output voltage v o 8 i o 8 = 1000ma 7.6 8.0 8.4 v cd output current i o 8 1300 ma line regulation v oln 8 10.5v < v cc < 16v, i o 8 = 1000ma 50 100 mv load regulation v old 8 10ma < i o 8 < 1000ma 100 200 mv dropout voltage v drop 8 i o 8 = 1000ma 1.0 1.5 v ripple rejection r rej 8 f = 120hz, i o 8 = 1000ma 40 50 db *2: the entire specification has been defined based on th e tests performed under the conditions where tj and ta (=25 c) are almost equal. there tests were performed with pulse load to minimize t he increase of junction temperature (tj).
LV5693P no.a1914-4/15 package dimensions unit : mm (typ) ? allowable power dissipation derating curve 3395 ? waveform applied during surge test ctrl pin output truth table ctrl1 cd dsp audio ctrl3 usb l off off off l off m off on on h on h on on on ctrl2 ext ilm l off off m1 off on m2 on off h on on sanyo : hzip15j 21.6 (20.0) (14.55) (11.0) (9.05) heat spreader (15.8) (r1.75) (9.6) 3.0 17.9 12.4 3.35 0.7 2.54 2.54 1.27 (1.91) 115 0.4 heat sink 100msec 5msec 16v 50v 10% 90% 0 7 2 1 1.5 4 3 5 5.6 6 8 0 20 140 150 80 100 60 120 40 160 aluminum heat sink (50 50 1.5mm 3 ) when using pd max -- ta ambient temperature, ta -- c allowable power dissipation, pd max -- w independent ic aluminum heat sink mounting conditions tightening torque : 39n ? cm, using silicone grease
LV5693P no.a1914-5/15 example of ctrl2 application circuit ext ilm ctrl2 0v 0v 0v 0v 3.3v 1.06v 3.3v 0v 2.13v 3.3v 3.3v 3.20v note) the control terminal is input 3.3v corresponden ce. please set it by the input resistance at 5v input. (warning) usage of ctrl2 when ctrl pin transits between l and m2, since it passes m1, ilm is turned on for a moment. likewise, when ctrl pin transits between h and m1, since it pass es m2, ilm is turned off for a moment. to avoid operation failure by the above factors, please refer to the following precautions. ? do not connect parasitic capacitor to ctrl as much as possible. ? if use of capacitor for ctrl is required, k eep the resistance value as low as possible. ? make sure that the output load capacitor has enough ma rjin against the voltage fluctuation due to instantaneous on/off. ext ilm ctrl2
LV5693P no.a1914-6/15 z block diagram + - ext out + - + - 1000ma thermal shut down output control 300ma 300ma v cc gnd start up vref over voltage protection ctrl1 ctrl2 ctrl3 amp_hs-sw(v cc -1v) 500ma 500ma 500ma ilim + - + - + - 1300ma v cc 1 v cc ilm output (8.4v) audio output (8.4v) recommendation fet:2sj650 usb output (5v) cd output (8v) v dd output (5.7v) dsp output (3.3) v cc
LV5693P no.a1914-7/15 pin function pin no. pin name description equivalent circuit 1 ilm ilm output pin on when ctrl2 = m1, h 8.4v/0.5a 15 2 v cc gnd 1 2 gnd gnd pin 3 cd cd output pin on when ctrl1 = h 8.0v/1.3a 15 2 v cc gnd 3 4 ctrl1 ctrl1 input pin three value input v cc 15 2 gnd 4 5 audio audio output pin on when ctrl1 = m, h 8.4v/0.5a 15 2 v cc gnd 5 continued on next page.
LV5693P no.a1914-8/15 continued from preceding page. pin no. pin name description equivalent circuit 6 ctrl2 ctrl2 input pin four-value input v cc 15 2 gnd 6 7 dsp dsp output pin on when ctrl1 = m, h 3.3v/0.3a 15 2 v cc gnd 7 8 ctrl3 ctrl3 input pin two-value input 15 2 v cc gnd 8 9 fb usb-fb pin 1.26v 15 2 v cc gnd 9 continued on next page.
LV5693P no.a1914-9/15 continued from preceding page. pin no. pin name description equivalent circuit 10 usbgt pch-fet gate connect pin 12.0v 15 2 v cc gnd 10 11 ext ext output pin on when ctrl2 = m2, h v cc -0.5v/500ma 15 2 v cc gnd 11 12 rsns usb current detection resistance connection pin 14.3v 15 2 v cc gnd 12 13 v dd v dd output pin 5.7v/0.3a 15 2 v cc gnd 13 14 v cc 1 v dd power supply pin 2 v cc 1 gnd 15 14 v cc 15 v cc power supply pin
LV5693P no.a1914-10/15 timing chart 21v v cc (15pin) v cc 1 (14pin) 21v v dd output (13pin) ctrl1 input (4pin) ctrl2 input (6pin) ctrl3 input (8pin) audio output (5pin) dsp output (7pin) cd output (3pin) ilm output (1pin) ext output (11pin) usb output (fet-out) 6.2v l m1 m h l m2 h 6tbhfdpoejujpo6tfvoefsuzqjdbmwbmvf
LV5693P no.a1914-11/15 recommended operation circuit peripheral parts list name of part description recommended value remarks c2, c4, c6, c8, c11, c16 output stabilization capacitor 10 f or more* electrolytic capacitor c1, c3, c5, c7, c10, c15 output stabilization capacitor 0.22 f or more* ceramic capacitor c12, c13 capacity for phase amends c12=1000pf (c13=0pf: tbd) ceramic capacitor c18, c20 power supply bypass capacitor 100 f or more these capacitors must be placed near the v cc and gnd pins. c17, c19 oscillation prevention capacitor 0.22 f or more c14 ext output stabiliz ation capacitor 2.2 f or more r1, r2 resistor for ilm voltage adjustment r1/r2=9.1k /27k for 5.0v a resistor with resistance accuracy as low as less than 1% must be used. r3 resistor for audio voltage setting 0.1 for ipeak=3a panasonic erjb1cfr10u(reference) m1 usb output pch-fet sanyo 2sj650 d1 diode for prevention of backflow d2, d3 diode for internal element protection sanyo sb1003m3 note)the circuit diagram and the values are only tentative which are subject to change. * : make sure that the capacitors of the output pins are 10 f or higher and esr is 10 ? or lower in total and temperature characteristics and accuracy are taken into consideration. also the e-cap should have good high frequency characteristics. ? usb output voltage setting method formula for usb voltage calculation usb = 1.26[v] r 1 r 2 + 1.26[v] r 2 r 1 = (usb-1.26) 1.26 please design so that the ratio of r1 and r2 may fill the above-mentioned expression for the set usb voltage. r 2 r 1 = (5.0-1.26) 1.26 2.968 r 2 r 1 = 27k ? 9.1k ? 2.967 the fb voltage is determined by the internal band gap voltage of the ic (typ = 1.26v) usb = 1.26v 2.967 + 1.26v 4.998v r2 1.26v r1 10 9 usbgt usb 12 rsns v cc + 14 12 10 8 ctrl1 6 ctrl2 4 dsp 2 15 13 11 9 7 5 3 1 ext gnd v cc audio cd ilm + c8 c7 ilm + c11 c12 cd ctrl2 ctrl3 r1 r2 c13 d1 c4 c3 d3 d2 c14 ext + c10 audio + c1 c2 dsp ctrl3 fb usbgt rsns v dd v cc 1 ctrl1 + c6 c5 v cc + usb + + v dd r3 c16 c15 c17 c18 c19 c20 m1 m1: 2sj650
LV5693P ps no.a1914-12/15 ? how to set usb overcurrent limit value (ocp) ocp of the usb works when the voltage of rsns is under v cc -0.3v. the peak current value of ocp is calculated as follws: ipeak(a) =0.3/r3. (ex.) r3=0.1 ipeak=3a ? since this ic does not detect the heat generation of the external fet, keep the temperature of the fet as low as possible so as not to exceed the eatings. ? recommended fet: sanyo 2sj650. (note)the above values were obtained under typcal conditions. the values may fluctuate in manufacturing processes due to external resistor and ic variation. ? warning the internal circuit of usbgt and rsns consist of components that support 5v. do not bias 7v or above between v cc and these pins to prevent the ic from destruction. do not use the device under overvoltaged condition(for example shorting these terminals to low voltage node) even for short period of time . in normal operating condition with recommended application, th e device controls voltage of these terminals within 5v. caution for implementing LV5693P to a system board the package of LV5693P is hzip15j which has some metal exposure s other than connection pins an d heatsink as shown in the diagram below. the electrical potentials of (2) and (3) are the same as those of pin 15 and pin 1, respectively. (2) (=pin 15) is the v cc pin and (3) (=pin 1) is the ilm (regulator) output pin. when you implement the ic to the set board, make sure that the bolts an d the heatsink are out of touch from (2) and (3). if the metal exposur es touch the bolts which has th e same electrical potential with gnd, gnd short occurs in ilm output and v cc . the exposures of (1) are connected to heatsink which has the same elec trical potential with substrate of the ic chip (gnd). therefore, (1) and gnd electrical potenti al of the set board can connect each other. ? hzip15j outline ipeak output voltage outout current 1 2 3 1 1 heat-sink same potential 15pin same potential 1pin same potential heat-sink same potential heat-sink side :metal exposure heat-sink side heat-sink same potential :metal exposure
LV5693P ps no.a1914-13/15 ? frame diagram (LV5693P) *in the system power suppl y other than LV5693P, pin assignment may differ. 1pin 15pin metal exposure 1 metal exposure 3 metal exposure 2 metal exposure 1 metal exposure 1 metal exposure 1 lv5693
LV5693P ps no.a1914-14/15 hzip15j heat sink attachment heat sinks are used to lower the semiconductor device junction temperature by leading the head generated by the device to the outer environment and dissipating that heat. a. unless otherwise specified, for power ics with tabs and pow er ics with attached heat sinks, solder must not be applied to the heat sink or tabs. b. heat sink attachment use flat-head screws to attach heat sinks. use also washer to protect the package. use tightening torques in the ranges 39-59ncm(4-6kgcm) . if tapping screws are used, do not use screws with a diameter larger than the holes in the semiconductor device itself. do not make gap, dust, or other contaminants to get between the semiconductor device and the tab or heat sink. take care a position of via hole . do not allow dirt, dust, or other contaminants to get between the semiconductor device and the tab or heat sink. verify that there are no press burrs or screw-hole burrs on the heat sink. warping in heat sinks and printed circuit boards must be no more than 0.05 mm between screw holes, for e ither concave or co nvex warping. twisting must be limited to under 0.05 mm. heat sink and semiconductor device are mounted in parallel. take care of electric or compressed air drivers the speed of these torque wrench es should never exceed 700 rpm, and should typically be about 400 rpm. c. silicone grease spread the silicone grease evenly when mounting heat sinks. sanyo recommends yg-6260 (momentive performance materials japan llc) d. mount first mount the heat sink on the semiconductor device, and then mount that assembly on the printed circuit board. when attaching a heat sink after mounting a semiconducto r device into the printed circuit board, when tightening up a heat sink with the screw, the mechanical stress which is impossible to the semiconductor device and the pin doesn't hang. e. when mounting the semiconductor device to the heat sink using jigs, etc., take care not to allow the device to ride onto the jig or positioning dowel. design the jig so that no unreas onable mechanical stress is not app lied to the semiconductor device. f. heat sink screw holes be sure that chamfering and shear drop of heat sinks must not be larger than the diameter of screw head used. when using nuts, do not make the heat sink hole diameters larger than the diameter of the head of the screws used. a hole diameter about 15% larger than the diameter of the screw is desirable. when tap screws are used, be sure that the diameter of the holes in the heat sink are not too small. a diameter about 15% smaller than the diameter of the screw is desirable. g. there is a method to mount the semiconductor device to the heat sink by using a spring band. but this method is not recommended because of possible displ acement due to fluctuation of the spring force with time or vibration. binding head machine screw countersunk head mashine screw heat sink gap via hole
LV5693P ps no.a1914-15/15 this catalog provides information as of october, 2011. specifications and information herein are subject to change without notice. sanyo semiconductor co.,ltd. assumes no responsib ility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliab ility pr oducts, however, any and all semiconductor products fail or malfunction with some probab ility. it is possible that these pr obab ilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause dam age to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellctual property rights which has resulted from the use of the technical information and products mentioned above. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equip ment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd.


▲Up To Search▲   

 
Price & Availability of LV5693P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X